PART |
Description |
Maker |
LTC6404IUD-1-PBF LTC6404IUD-1-TRPBF LTC6404IUD-2-P |
600MHz, Low Noise, High Precision Fully Differential Input/Output Amplier/Driver; Package: QFN; No of Pins: 16; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 500 MHz BAND WIDTH, PQCC16 600MHz, Low Noise, High Precision Fully Differential Input/Output Amplifi er/Driver
|
Linear Technology, Corp.
|
HV257 |
32-Channel High Voltage Sample and Hold Amplifi er Array
|
Supertex, Inc
|
AD70806 AD708JNZ AD708SQ/883B |
Ultralow Offset Voltage Dual Op Amp; Package: CerDIP; No of Pins: 8; Temperature Range: Military DUAL OP-AMP, 65 uV OFFSET-MAX, 0.9 MHz BAND WIDTH, CDIP8
|
Analog Devices, Inc.
|
VTO-8951 |
VTO-8951 · Voltage Controlled Oscillator- 600MHz to 11GHz Voltage Controlled Oscillator- 9.5GHz to 11GHz
|
Agilent (Hewlett-Packard) Agilent(Hewlett-Packard)
|
NJU7072M NJU7072D NJU7072 NJU7071D NJU7071M NJU707 |
LOW INPUT OFFSET VOLTAGE C-MOS OPERATIONAL AMPLIFIER 2.5-V Precision Micropower Shunt Voltage Reference, 0.5% accuracy 5-SC70 -40 to 85
|
NJRC[New Japan Radio] New Japan Radio Co., Ltd.
|
HA-2600 HA-2605 |
Op Amp, 12MHz, High Input Impedance, Offset Voltage=0.5mV Op Amp, 12MHz, High Input Impedance, Offset Voltage=3mV
|
Intersil
|
LT6411CUD LT6411IUDTR |
650MHz Differential ADC Driver/Dual Selectable Gain Amplifi er 650MHz Differential ADC Driver/Dual Selectable Gain Amplifier; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C DUAL OP-AMP, 20000 uV OFFSET-MAX, PQCC16
|
Linear Technology, Corp.
|
AS618 |
10 TO 600MHz TO-8 CASCADABLE AMPLIFIER
|
Teledyne Cougar
|
R7S910115CBG R7S910107CBG R7S910113CBG R7S910007CB |
450MHz / 600MHz MCU
|
Renesas
|
LT1468CDD-PBF LT1468CDD-TRPBF LT1468CN8-PBF LT1468 |
90MHz, 22V/レs 16-Bit Accurate Operational Amplifi er 90MHz, 22V/μs 16-Bit Accurate Operational Amplifi er 90MHz, 22V/渭s 16-Bit Accurate Operational Amplifi er 90MHz, 22V/楼矛s 16-Bit Accurate Operational Amplifi er
|
Linear Technology
|
EL4348CU EL4344C EL4344CU |
600MHz Multiplexing Amplifiers 600MHz的复用放大器
|
Microsemi, Corp. Elantec Semiconductor
|